Part Number Hot Search : 
646MTD 351703 NCV330 C2516 X68C75PM 78LXXA 9LPRS U2429
Product Description
Full Text Search
 

To Download 2SC4584 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4584 d escription with to-3pml package high voltage,high speed switching power transistor pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1200 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7 v i c collector current 6 a i cm collector current-peak 12 a i b base current 3 a i bm base current-peak 6 a p c collector power dissipation t c =25 65 w t j junction temperature 150  t stg storage temperature -55~150  thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 1.92 /w fig.1 simplified outline (to-3pml) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4584 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v cesat collector-emitter saturation voltage i c =3a;i b =0.6 a 1.0 v v besat base-emitter saturation voltage i c =3a;i b =0.6 a 1.5 v v ceo(sus) collector-emitter sustaining voltage i c =0.2a;i b =0 800 v i ebo emitter cut-off current at rated voltage 0.1 ma i cbo collector cut-off current i ceo collector cut-off current at rated voltage 0.1 ma h fe-1 dc current gain i c =3 a ; v ce =5v 8 h fe-2 dc current gain i c =1ma ; v ce =5v 7 f t transition frequency i c =0.6a ; v ce =10v 8 mhz switching times t on turn-on time 0.5 s t stg storage time 3.5 s t f fall time i c =3a;r l =85 c i b1 =0.6a; i b2 =1.2a v bb2 =4v 0.3 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC4584 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SC4584

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X